Part Number Hot Search : 
4AC13 1N4760A EL2171CS C1608 AAT3111 APT1003 2SA1783T GPC200F
Product Description
Full Text Search
 

To Download DDTA113TCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDTA (R1-ONLY SERIES) CA
PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR Features
NEW PRODUCT
* * *
Epitaxial Planar Die Construction Complementary NPN Types Available (DDTC) Built-In Biasing Resistor, R1 only
A C
TOP VIEW
SOT-23
B E C
Dim A B C D
Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.85 0
Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.80 8
Mechanical Data
* * * * * * * *
E
B D G H
Case: SOT-23, Molded Plastic Case material - UL Flammability Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking: Date Code and Marking Code (See Diagrams & Page 2) Weight: 0.008 grams (approx.) Ordering Information (See Page 2)
K J L
M
E G H J K
R1
C
L M a
B
P/N DDTA113TCA DDTA123TCA DDTA143TCA DDTA114TCA DDTA124TCA DDTA144TCA DDTA115TCA DDTA125TCA
R1 (NOM) 1KW 2.2KW 4.7KW 10KW 22KW 47KW 100KW 200KW
MARKING P01 P03 P07 P12 P16 P19 P23 P25
All Dimensions in mm
E SCHEMATIC DIAGRAM
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation
@ TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC (Max) Pd RqJA Tj, TSTG Value -50 -50 -5 -100 200 625 -55 to +150 Unit V V V mA mW C/W C
Characteristic
Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage and Temperature Range Note:
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
DS30335 Rev. 2 - 2
1 of 3
DDTA (R1-ONLY SERIES) CA
Electrical Characteristics
@ TA = 25C unless otherwise specified Symbol BVCBO BVCEO BVEBO ICBO IEBO Min -50 -50 -5 3/4 3/4 Typ 3/4 3/4 3/4 3/4 3/4 Max Unit 3/4 3/4 3/4 -0.5 -0.5 V V V mA mA IC = -50mA IC = -1mA IE = -50mA VCB = -50V VEB = -4V IC/IB = -10mA/-1mA IC/IB = -5mA/-0.5mA IC/IB = -2.5mA/-.25mA IC/IB = -1mA/-.1mA IC/IB = -5mA-/0.5mA IC/IB = -2.5mA/-.25mA IC/IB = -1mA/-0.1mA IC/IB = -.5mA/-.05mA IC = -1mA, VCE = -5V 3/4 VCE = -10V, IE = 5mA, f = 100MHz DDTA113TCA DDTA123TCA DDTA143TCA DDTA114TCA DDTA124TCA DDTA144TCA DDTA115TCA DDTA125TCA Test Condition
NEW PRODUCT
Characteristic Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current
Collector-Emitter Saturation Voltage
VCE(sat)
3/4
3/4
-0.3
V
DC Current Transfer Ratio Input Resistor (R1) Tolerance Gain-Bandwidth Product* * Transistor - For Reference Only
hFE DR1 fT
100 -30 3/4
250 3/4 250
600 +30 3/4
3/4 % MHz
Ordering Information
Device DDTA113TCA-7 DDTA123TCA-7 DDTA143TCA-7 DDTA114TCA-7 DDTA124TCA-7 DDTA144TCA-7 DDTA115TCA-7 DDTA125TCA-7 Notes:
(Note 2) Packaging SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
2. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX
XXX = Product Type Marking Code See Sheet 1 Diagrams YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
Date Code Key Year Code Month Code Jan 1 2002 N Feb 2 2003 P March 3 Apr 4 2004 R May 5 2005 S Jun 6 2006 T Jul 7 Aug 8 2007 U Sep 9 2008 V Oct O Nov N 2009 W Dec D
DS30335 Rev. 2 - 2
YM
2 of 3
DDTA (R1-ONLY SERIES) CA
TYPICAL CURVES - DDTA114TCA
NEW PRODUCT
VCE(SAT), MAXIMUM COLLECTOR VOLTAGE (V)
250 PD, POWER DISSIPATION (MILLIWATTS)
1
IC/IB = 10
200
0.1
75C
25C -25C
150
100
0.01
50
0 -50 0 50 100 150 TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve
0.001 0
10
20
30
40
50
IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
1000
hFE, DC CURRENT GAIN (NORMALIZED)
VCE = 10 75C
12
IE = 0V
10
25C
-25C
COB, CAPACITANCE (pF)
100
8 6 4 2 0
10
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain
75C
0
100
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
10
VO = 0.2
100 IC, COLLECTOR CURRENT (mA)
25C
10
Vin, INPUT VOLTAGE (V)
-25C
1
-25C
1
75C 25C
0.1
0.01
0.001 0 1 2 3 4 5
6
7
8
9
10
1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage
DS30335 Rev. 2 - 2
3 of 3
DDTA (R1-ONLY SERIES) CA


▲Up To Search▲   

 
Price & Availability of DDTA113TCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X